Part Number Hot Search : 
F45IT CHL8228G V271HB34 ATMEGA3 DAN403 AV99S MAX14 00H03
Product Description
Full Text Search
 

To Download 85003-9005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/17/2010 please check www.molex.com for latest part information part number: 0850039005 status: active overview: din_41612 description: 2.54mm (.100") pitch din 41612 c style male header, right angle, through hole, 1.27m (50") selective gold (au) plating, 96 circuits, without mounting clips, no flux proof, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 85003 application backplane comments no mounting clips. no flux proof component type pcb header overview din_41612 product name iec 603-2/din 41612 style c physical circuits (loaded) 96 circuits (maximum) 96 circuits detail standard contacts at: a:a1-a32; b:b1-b32; c:c1-c32 color - resin gray durability (mating cycles max) 500 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin polyester number of columns 16 number of pairs open pin field number of rows 3 orientation right angle pc tail length (in) 0.118 in pc tail length (mm) 3.00 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type carton pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 50 plating min: mating (m) 1.27 plating min: termination (in) 98 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 85003 series
plating min: termination (m) 2.5 polarized to pcb yes stackable no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 1a data rate 622.0 mbps voltage - maximum 250v ac (rms) solder process data duration at max. process temperature (seconds) 10 lead-free process capability wave capable (th only) process temperature max. c 260 material info reference - drawing numbers sales drawing sd-85003-9005 this document was generated on 05/17/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 85003-9005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X